Part Number Hot Search : 
43650 U2505 MID122 4022B IP82C83H NCV7424 SAB80 120T3
Product Description
Full Text Search
 

To Download EMZJ100ADA102MJA0G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  low esr, 105 aichip tm - mzj series ? lower esr, 2,000 hours at 105 ? rated voltage range : 6.3 to 35v ? nominal capacitance range : 10 to 1,800f ? solvent resistant type (see precautions and guidelines) ? vibration resistant structure ? rohs compliant specifications (at 20, 120hz) (at 20, 120hz) (at 20 after 2 minutes) (at 120hz) category temperature range rated voltage range capacitance tolerance leakage current dissipation factor (ta n ) low temperature characteristics (max. impedance ratio) endurance shelf life surge voltage test items - 55 to +105 6.3 to 35v dc 20% (m) i=0.01cv or 3a, whichever is greater. where, i : max. leakage current (a), c : nominal capacitance (f), v : rated voltage (v) rated voltage (v dc ) tan (max.) rated voltage (v dc ) z( - 25)/z(+20) z( - 40)/z(+20) z( - 55)/z(+20) the following specifications shall be satisfied when the capacitors are restored to 20 after the rated voltage is applied for 2,000 hours at 105. capacitance change Q 30% of the initial value d.f. (ta n ) Q 200% of the initial specified value leakage current Q the initial specified value the following specifications shall be satisfied when the capacitors are restored to 20 after exposing them for 1,000 hours at 105 without voltage applied. before the measurement, the capacitor shall be preconditioned by applying voltage according to item 4.1 of jis c 5101-4. capacitance change Q 30% of the initial value d.f. (ta n ) Q 200% of the initial specified value leakage current Q the initial specified value the capacitors shall be subjected to 1,000 cycles each consisting of charging with the specified surge voltage for 305 seconds through a protective resistor (as required for rc=0.10.05sec) and open-circuiting for 5.5 minutes at a room temperature of 15 to 35. rated voltage (v dc ) surge voltage (v dc ) appearance no significant damage capacitance change Q 20% of the initial value d.f. (ta n ) Q 200% of the initial specified value leakage current Q the initial specified value (caution) surge voltage test intends to evaluate capacitors in durability of an exceptional excessive voltage under specific conditions.it does not imply long-term use at all. characteristics 6.3v 0.26 6.3v 2 3 4 10v 0.19 10v 2 3 4 16v 0.16 16v 2 3 4 25v 0.14 25v 2 3 3 35v 0.12 35v 2 3 3 6.3v 7.2v 10v 12v 16v 18v 25v 29v 35v 40v dimensions [mm] d 0.5 l 0.3 (note) 0.3max. a 0.2 w c 0.2 b 0.2 p note : l 0.5 for ha0 and ja0 d 0.5 b 0.2 l 0.5 0.3max. a 0.2 w c 0.2 p : dummy terminals siz e code : d61 to ja0 t er minal code : g(vibration resistant structure) siz e code : ha0 and ja0 t er minal code : a vent for ja0 vent for ja0 marking 9j 10 v z j ex) 35v10f rated v oltage symbol rated voltage (v dc ) symbol 6.3 10 16 25 35 j a c e v applying v oltage o v er the r ated v oltages causes the capacitors to ha v e shor t lif etime . besides , applying v oltage o v er the speci?ed surge v oltages ma y cause to ha v e shor t circuit f ailure . a protection circuit should be used if applied v oltage will e xceed the r ated v oltages . lower esr mzj mza p74 size code d61 e61 f61 f80 ha0 ja0 d 4 5 6.3 6.3 8 10 l 5.8 5.8 5.8 7.7 10.0 10.0 a 4.3 5.3 6.6 6.6 8.3 10.3 b 4.3 5.3 6.6 6.6 8.3 10.3 c 5.1 5.9 7.2 7.2 9.0 11.0 w 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 0.7 to 1.1 0.7 to 1.1 p 1.0 1.4 1.9 1.9 3.1 4.5 72 product specifications in this catalog are subject to change without notice.request our product specifications before purchase and/or use. please use our products based on the information contained in this catalog and product specifications. cat. no. e1001n surface mount aluminum electrolytic capacitors
low esr, 105 aichip tm - mzj series part numbering system supplement code size code capacitance tolerance code capacitance code (ex. 10f:100, 1,000f:102) taping code terminal code voltage code (ex. 6.3v:6r3, 10v:100, 35v:350) series code category e m z j a a a a d a a a a a a a g m 1 3 4 2 6 789 10 13 12 5 18 17 16 11 15 14 please ref er to "product code guide (surf ace mount type)" standard ratings wv(v dc ) cap(f) siz e code t a n rated ripple current (marms/105, 100khz) p ar t no. 6.3 160 240 300 600 850 160 300 850 160 240 300 600 600 850 160 240 240 300 300 300 600 850 160 240 300 300 300 600 850 850 850 0.85 0.36 0.26 0.16 0.08 0.85 0.26 0.08 0.85 0.36 0.26 0.16 0.16 0.08 0.85 0.36 0.36 0.26 0.26 0.26 0.16 0.08 0.85 0.36 0.26 0.26 0.26 0.16 0.08 0.08 0.08 0.26 0.26 0.26 0.26 0.26 0.19 0.19 0.19 0.16 0.16 0.16 0.16 0.16 0.16 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 d61 e61 f61 f80 ha0 d61 f61 ha0 d61 e61 f61 f80 f80 ha0 d61 e61 e61 f61 f61 f61 f80 ha0 d61 e61 f61 f61 f61 f80 ha0 ha0 ha0 47 100 220 330 1,000 1,500 j a0 0.26 0.06 1,190 emzj6r3ad a152mj a0g 1,800 j a0 0.26 0.06 1,190 emzj6r3ad a182mj a0g 10 33 150 680 1,000 j a0 0.19 0.06 1,190 emzj100ad a102mj a0g 1,200 j a0 0.19 0.06 1,190 emzj100ad a122mj a0g 16 22 47 100 150 220 470 680 j a0 0.16 0.06 1,190 emzj160ad a681mj a0g 820 j a0 0.16 0.06 1,190 emzj160ad a821mj a0g 25 10 22 33 33 47 68 100 330 470 j a0 0.14 0.06 1,190 emzj250ad a471mj a0g 560 j a0 0.14 0.06 1,190 emzj250ad a561mj a0g 35 10 22 33 47 68 100 100 150 220 330 j a0 0.12 0.06 1,190 emzj350ad a331mj a0g 390 j a0 0.12 0.06 1,190 emzj350ad a391mj a0g emzj6r3ada470md61g emzj6r3ada101me61g emzj6r3ada221mf61g emzj6r3ada331mf80g emzj6r3ada102mha0g emzj100ada330md61g emzj100ada151mf61g emzj100ada681mha0g emzj160ada220md61g emzj160ada470me61g emzj160ada101mf61g emzj160ada151mf80g emzj160ada221mf80g emzj160ada471mha0g emzj250ada100md61g emzj250ada220me61g emzj250ada330me61g emzj250ada330mf61g emzj250ada470mf61g emzj250ada680mf61g emzj250ada101mf80g emzj250ada331mha0g emzj350ada100md61g emzj350ada220me61g emzj350ada330mf61g emzj350ada470mf61g emzj350ada680mf61g emzj350ada101mf80g emzj350ada101mha0g emzj350ada151mha0g emzj350ada221mha0g esr (max/20, 100khz) frequency(hz) capacitance(f) 120 1k 10k 100k 10 to 150 0.40 0.75 0.90 1.00 220 to 560 0.50 0.85 0.94 1.00 680 to 1,800 0.60 0.87 0.95 1.00 rated ripple current multipliers ? frequency multipliers the endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5 rise. when long life performance is required in actual use, the rms ripple current has to be reduced. 73 product specifications in this catalog are subject to change without notice.request our product specifications before purchase and/or use. please use our products based on the information c ontained in this catalog and product specifications. cat. no. e1001n surface mount aluminum electrolytic capacitors


▲Up To Search▲   

 
Price & Availability of EMZJ100ADA102MJA0G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X